Part Number Hot Search : 
R350404D DTD114E IH20G TC74LCX MMBZ523 PM7645FP MBR2035 C167CR
Product Description
Full Text Search
 

To Download 2SD2016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Darlington
2SD2016
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) VBE(sat) fT COB Conditions VCB=200V VEB=6V IC=10mA VCE=4V, IC=1A IC=1A, IB=1.5mA IC=1A, IB=1.5mA VCE=12V, IE=-0.1A VCB=10V, f=1MHz 2SD2016 10max 10max 200min 1000 to 15000 1.5max 2.0max 90typ 40typ V V MHz pF
13.0min
Equivalent circuit
B
C
(2k) (200) E
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SD2016 200 200 6 3 0.5 25(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
Application : Igniter, Relay and General Purpose
(Ta=25C) Unit
External Dimensions FM20(TO220F)
4.00.2 10.10.2 4.20.2 2.8 c0.5
A
V
16.90.3 8.40.2
mA
1.350.15 1.350.15 0.85 +0.2 -0.1 0.45 +0.2 -0.1 2.54 2.20.2 2.40.2
2.54
3.9 BCE
IC - VCE Characteristics (Typical)
A
mA
V CE ( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) 3
I C - VBE Temperature Characteristics (Typical)
3 (V CE= 4V)
3
3m
1.5
1mA
Collector Current I C( A)
0.5m
A
2
2
Collector Current I C( A)
2
p)
Tem
mp) (Cas e Te 25C
(Ca
1
1
12 5C
25C
1
se
-5 5C
0
0
1
2
3
4
0
0.2
1 Base Current I B( mA)
3
0
0
1 Base-Emittor Voltage V B E( V)
-55C (C
125
C
ase Tem
p)
I B= 0
.3m
A
0.2
0.80.2
a b
o3.30.2
Weight : Approx 2.0g a. Type No. b. Lot No.
2
Collector-Emitter Voltage V C E( V)
hFE - IC Characteristics (Typical)
(VCE=4V) 10000 5000 DC Cur rent Gain h FE
hFE - I C Temperature Characteristics (Typical)
(V C E= 4V) 10000 5000 DC Curr ent Gain h F E
j-a - t Characteristics
j - a( C/W)
Transient Thermal Resistance 5
125
C
1000 500
25
C
1000 500
C -55
100 50
1
100 50 0.03 0.1 0.5 1 3 10 0.03 0.1 0.5 1 3
0.5
1
5
10
50 Time t(ms)
100
500 1000
Collector Current I C( A)
Collector Current I C (A)
fT - IE Characteristics (Typical)
(VCE=12V) 80
Safe Operating Area (Single Pulse)
30
P c - T a Derating
Natural Cooling Silicone Grease Heatsink: Aluminum in mm
Cut- off F req uency f T( MH Z)
60
Ma xim um Powe r Dissipat io n P C( W)
20
W ith In
40
fin
150x150x2
1 00x1 0 10
0x 2
ite
he
at
si
nk
20
50x50x2
Without Heatsink 2
0 -0.01
-0.05
-0.1
-0.5
-1
-3
0
0
25
50
75
100
125
150
Emitter Current I E( A)
Ambient Temperature Ta(C)
141


▲Up To Search▲   

 
Price & Availability of 2SD2016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X